Part Number Hot Search : 
C253F SZ554H XF0013Q1 OP285 SI5935DC DTC144TM LDR2518 0SMCJ70A
Product Description
Full Text Search
 

To Download CTDD2210S-2415S-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
ctparts.com
SPECIFICATIONS
CTDD2210S-S Series
Wide Input Isolated & Regulated 2W Output, Single Output
Part Number CTDD2210S-0505S-2 CTDD2210S-0509S-2 CTDD2210S-0512S-2 CTDD2210S-0515S-2 CTDD2210S-1205S-2 CTDD2210S-1209S-2 CTDD2210S-1212S-2 CTDD2210S-1215S-2 CTDD2210S-1505S-2 CTDD2210S-1509S-2 CTDD2210S-1512S-2 CTDD2210S-1515S-2 CTDD2210S-2405S-2 CTDD2210S-2409S-2 CTDD2210S-2412S-2 CTDD2210S-2415S-2 CTDD2210S-4805S-2 CTDD2210S-4809S-2 CTDD2210S-4812S-2 CTDD2210S-4815S-2
Vin Nom. 5VDC 5VDC 5VDC 5VDC 12VDC 12VDC 12VDC 12VDC 15VDC 15VDC 15VDC 15VDC 24VDC 24VDC 24VDC 24VDC 48VDC 48VDC 48VDC 48VDC
Input Range 4.5-9VDC 4.5-9VDC 4.5-9VDC 4.5-9VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 12-24VDC 12-24VDC 12-24VDC 12-24VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC
Vout 5VDC 9VDC 12VDC 15VDC 5VDC 9VDC 12VDC 15VDC 5VDC 9VDC 12VDC 15VDC 5VDC 9VDC 12VDC 15VDC 5VDC 9VDC 12VDC 15VDC
Iout Max. (mA) 400 220 165 132 400 220 165 132 400 220 164 132 400 220 165 132 400 220 165 132
Iout Min. (mA) 40 22 16 13 40 22 16 13 40 22 16 13 40 22 16 13 40 22 16 13
Effi(Typ.) 67% 69% 72% 75% 75% 75% 77% 80% 75% 79% 80% 81% 78% 80% 83% 85% 76% 81% 82% 83%
Not shown at actual size.
ISOLATION SPECIFICATIONS
Item Test Condition Flash tested for 1 minute Test at 500VDC MIN 1000 1000 TYP MAX Units VDC M
FEATURES
Efficiency: To 83% Temperature Range: -40C to 85C Isolation: 1KVDC Package: UL94-V0 Miscellaneous: Single Output Voltage. No heatsink required. Industry standard pinout. Pin compatible with MSB series. Wide (2:1) Input Range. Custom service available. Samples available.
Isolation Voltage Isolation Resistance
OUTPUT SPECIFICATIONS
Item 2W Output Power Output Voltage Accuracy Load regulation Line Regulation Temperature drift(Vout) Ripple Noise Switching Frequency Switching Frequency Refer To Recommended Circuit 10% to 100% load Input Voltage From Low to High Refer To Recommended Circuit 20Hz-300KHz bandwidth DC-20MHz bandwidth 100% Load, Nominal Input Voltage 10% Load, Nominal Input Voltage 80 250 40 80 Test Condition MIN 0.2 1 0.1 0.2 TYP MAX 2 3 0.2 0.5 0.03 60 150 200 600 Units W % % % %/C mVp-p mVp-p kHz kHz
CHARACTERISTICS
Output Short Circuit Protection: Continuous Temperature Rise at Full Load: 30C Typ. Cooling: Free air convection No-Load Power Consumption: 150mW Typ. Operating Temperature Range: -40C to +85C Storage Temperature Range: -55C to +125C Lead Temperature: 300C (1.5mm from case for 10 seconds) Storage Humidity Range: < 95% Case Material: Plastic (UL94-V0) MTBF: >1,000,000 hours
Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output unless otherwise specified. Application Note Recommended Circuit All the CTDD2210S-S series have been tested according to the following recommended testing circuit before leaving factory. This series should be tested under load. Never to be tested under no load. (See figure 1). If you want to further decrease the input/output ripple, you can increase capacitance properly or choose capacitors with low ESR. However, the capacitance should not be too high. (Table 2). If you want to use the products in high EMI, please choose our metal packaged prodcts.
TYPICAL CHARACTERISTICS
120
Output Power (%)
100 80 60 40 20 0 -40 0 120 40 71 85 Ambient Temperature (C)
Safe Operating Area
06.29.05
Technologies
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2004 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
DC/DC Converters
ctparts.com
CTDD2210S-S Series
Wide Input Isolated & Unregulated 2W Output, Single Output OUTLINE DIMENSIONS & RECOMMENDED FOOTPRINT DETAILS
CTDD2210S-S Package 22.00
FIGURE 1
+Vin Cin
2 DC-DC Converters 1
6 Cout 7
+Vo Load 0V
12.00
Side View
7*2.54=17.78
GND
2.10
1.50 12 678
9.50
Cs
Bottom View
CTDD2210S-S Footprint o1.00+0.15/-0
2.54
CS CAPACITOR TABLE(TABLE 1)
12 678
2.54 Note: All pins on a 2.54mm pitch; all pin diameters are 0.50mm; all dimensions in mm.
Vout
CS
5V
9V
12V
15V
47uF-100uF
22uF-47uF
PIN CONNECTIONS EXTERNAL CAPACITOR TABLE(TABLE 2)
Pin 1 2 6 7 8 Function GND Vin +Vo 0V CS Note Input Ground Input Positive Output Positive Output Ground External cap.
Vin
12 678
Cin
100uF
Cout (0+70C)
100uF (electrolytic capacitor)
Cout (-40+85C)
47uF (tantalum capacitor)
5V & 12V 24V & 48V
10uF
06.29.05
Technologies
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2005 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTDD2210S-2415S-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X